Part Number Hot Search : 
MHR30V TB0613A BS616L UPD17707 2N3635 HS202 NTE1224 E001913
Product Description
Full Text Search
 

To Download DMG3402L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DMG3402L document number: ds36077 rev. 2 - 2 1 of 5 www.diodes.com december 2013 ? diodes incorporated DMG3402L n-channel enhancement mode field effect transistor product summary applications ? dc-dc converters ? power management functions ? battery operated systems and solid-state relays v (br)dss r ds(on) i d t a = +25c 30v 52m ? @ v gs = 10v 4a 65m ? @ v gs = 4.5v 3a 85m ? @ v gs = 2.5v 2a features ? low on-resistance: ? low gate threshold voltage ? low input capacitance ? fast switching speed ? low input/output leakage ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliability mechanical data ? case: sot23 ? case material: molded plastic, ?green? molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: finish ? matte ti n annealed over copper leadframe. solderable per mil-std-202, method 208 ? terminal connections: see diagram ? weight: 0.008 grams (approximate) ordering information (note 4) part number case packaging DMG3402L-7 sot23 3000/tape & reel DMG3402L-13 sot23 10000/tape & reel notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our websit e at http//:www.diodes.com /products/packages.html. marking information date code key year 2012 2013 2014 2015 2016 2017 2018 code z a b c d e f month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d sot23 top view source equivalent circuit gate drain d gs pin configuration n32 = product type marking code ym = date code marking y = year (ex: t = 2006) m = month (ex: 9 = september) e3 n32 ym
DMG3402L document number: ds36077 rev. 2 - 2 2 of 5 www.diodes.com december 2013 ? diodes incorporated DMG3402L maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol value unit drain source voltage v dss 30 v gate-source voltage v gss ? 12 v drain current (note 5) i d 4.0 a body-diode continuous current (note 5) i s 1.5 a thermal characteristics characteristic symbol value unit total power dissipation (note 5) p d 1.4 w thermal resistance, junction to ambient @t a = +25c (note 5) r ja 90 c/w operating and storage temperature range t j, t stg -55 to +150 c electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition off characteristics (note 6) drain-source breakdown voltage bv dss 30 ? ? v v gs = 0v, i d = 250a zero gate voltage drain current i dss ? ? 1 a v ds = 30v, v gs = 0v gate-body leakage i gss ? ? ? 100 na v gs = 12v, v ds = 0v on characteristics (note 6) gate threshold voltage v gs ( th ) 0.6 ? 1.4 v v ds = v gs , i d = 250a static drain-source on-resistance r ds(on) ?? ? ? ? ? 52 65 85 m ? v gs = 10v, i d = 4a v gs = 4.5v, i d = 3a v gs = 2.5v, i d = 2a forward transconductance |y fs | ? 6.6 ? s v ds = 5v, i d = 3.1a source-drain diode forward voltage v sd ? ? 1.16 v v gs = 0v, i s = 2.0a dynamic characteristics(note 7) gate resistance r g ? 2.2 ? ? v ds =0v, v gs = 0v, f = 1mhz total gate charge (10v) q g ? 11.7 ? nc v gs = 10 v, v ds = 15v, i d = 4 a total gate charge (4.5v) q g ? 5.5 ? nc v gs =10 v, v ds = 15v, i d = 4 a gate-source charge q g s ? 1.1 ? nc gate-drain charge q g d ? 1.8 ? nc turn-on delay time t d ( on ) ? 1.9 ? ns v dd = 15v, v gen = 10v, r gen =3 ? , r l = 3.75 ? turn-on rise time t r ? 1.6 ? ns turn-off delay time t d ( off ) ? 10.3 ? ns turn-off fall time t f ? 2.0 ? ns input capacitance c iss ? 464 ? pf v ds = 15v, v gs = 0v f = 1.0mhz output capacitance c oss ? 49.5 ? pf reverse transfer capacitance c rss ? 43.8 ? pf notes: 5. device mounted on fr-4 pcb. t 5 sec. 6. short duration pulse test used to minimize self-heating effect. 7. guaranteed by design. not subject to production testing.
DMG3402L document number: ds36077 rev. 2 - 2 3 of 5 www.diodes.com december 2013 ? diodes incorporated DMG3402L v , drain-source voltage (v) figure 1 typical output characteristics ds i, d r ain c u r r en t (a) d 0.0 2.0 4.0 6.0 8.0 10.0 v= 1.5v gs v= 2.0v gs v= 3.5v gs v= 4.5v gs v = 10v gs v= 2.5v gs v= 3.0v gs v , gate-source voltage (v) gs figure 2 typical transfer characteristics i, d r ai n c u r r e n t (a) d 0 2 4 6 8 10 12 14 16 18 20 01234 v = 5.0v ds t = 150c a t = 125c a t = 85c a t = 25c a t = -55c a i , drain-source current (a) d figure 3 typical on-resistance vs. drain current and gate voltage r , drain-s o urce o n-resistance ( ) ds(on) ? 0.01 0.1 1 13579 v= 2.5v gs v= 4.5v gs v= 10v gs 04 8121620 i , drain current (a) d figure 4 typical on-resistance vs. drain current and temperature r, drain-s o urce o n-resistance ( ) ds(on) ? 0 0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 t = -55c a t = 25c a t = 85c a t = 125c a t = 150c a v = 4.5v gs t , junction temperature ( c) figure 5 on-resistance variation with temperature j ? r , d r ai n -s o u r c e on-resistance (normalized) ds(on) 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 -50-25 0 25 50 75100125150 v = 4.5v i= 3a gs d v=v i= 6a gs d 10 v=.5v i= 2a gs d 2 t , junction temperature ( c) figure 6 on-resistance variation with temperature j ? r , d r ain-s o u r c e o n- r esistan c e ( ) ds(on) ? 0 0.02 0.04 0.06 0.08 0.1 v = 4.5v i= 3a gs d v=v i= 6a gs d 10 v=.5v i= 2a gs d 2
DMG3402L document number: ds36077 rev. 2 - 2 4 of 5 www.diodes.com december 2013 ? diodes incorporated DMG3402L package outline dimensions t , junction temperature ( c) figure 7 gate threshold variation vs. ambient temperature j ? v, g a t e t h r es h o ld v o l t a g e (v) gs(th) -50 -25 0 25 50 75 100 125 150 0 0.4 0.8 1.2 1.6 2 i= 1ma d i = 250a d v , source-drain voltage (v) sd figure 8 diode forward voltage vs. current i, s o u r c e c u r r e n t (a) s 0 2 4 6 8 10 12 14 16 18 20 0 0.3 0.6 0.9 1.2 1.5 t= 25c a v , drain-source voltage (v) ds figure 9 typical junction capacitance 10 100 1,000 c , j u n c t i o n c a p a c i t an c e (p f ) t f = 1mhz 0 5 10 15 20 25 30 c iss c oss c rss q(nc) g , total gate charge figure 10 gate charge v g a t e t h r es h o ld v o l t a g e (v) gs 0 2 4 6 8 10 024681012 v = 15v i=a ds d 4 sot23 dim min max typ a 0.37 0.51 0.40 b 1.20 1.40 1.30 c 2.30 2.50 2.40 d 0.89 1.03 0.915 f 0.45 0.60 0.535 g 1.78 2.05 1.83 h 2.80 3.00 2.90 j 0.013 0.10 0.05 k 0.903 1.10 1.00 k1 - - 0.400 l 0.45 0.61 0.55 m 0.085 0.18 0.11 ?? 0 8 - all dimensions in mm a m j l d f b c h k g k1
DMG3402L document number: ds36077 rev. 2 - 2 5 of 5 www.diodes.com december 2013 ? diodes incorporated DMG3402L suggested pad layout important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated a nd all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com dimensions value (in mm) z 2.9 x 0.8 y 0.9 c 2.0 e 1.35 x e y c z


▲Up To Search▲   

 
Price & Availability of DMG3402L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X